Part Number Hot Search : 
S1503 60001 LBS11902 ECWF2225 SGM9111 D213ED ADAM6060 29LV033
Product Description
Full Text Search
 

To Download BC847C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC846A - BC848C
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR Features
* * * Ideally Suited for Automatic Insertion Complementary PNP Types Available (BC856-BC858) For Switching and AF Amplifier Applications
SOT-23
A C B B E
TOP VIEW
Dim A B
C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.85 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.80 8
Mechanical Data
* * * * * * * * Case: SOT-23, Molded Plastic Case material - UL Flammability Rating Classification 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Pin Connections: See Diagram Marking Codes (See Table Below & Diagram on Page 3) Ordering & Date Code Information: See Page 3 Approx. Weight: 0.008 grams
E D G H
C D E G H J K L M a
K J L
M
All Dimensions in mm
Marking Code (Note 2) Type BC846A BC846B BC847A BC847B Marking 1A, K1Q 1B, K1R 1E, K1E, K1Q 1F, K1F, K1R Type BC847C BC848A BC848B BC848C Marking 1G, K1M 1J, K1J, K1E, K1Q 1K, K1K, K1F, K1R 1L, K1L, K1M
Maximum Ratings
Collector-Base Voltage
@ TA = 25C unless otherwise specified Symbol BC846 BC847 BC848 BC846 BC847 BC848 BC846, BC847 BC848 VCBO Value 80 50 30 65 45 30 6.0 5.0 100 200 200 300 417 -65 to +150 Unit V
Characteristic
Collector-Emitter Voltage
VCEO VEBO IC ICM IEM Pd RqJA Tj, TSTG
V V mA mA mA mW C/W C
Emitter-Base Voltage Collector Current Peak Collector Current Peak Emitter Current Power Dissipation (Note 1)
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf 2. Current gain subgroup "C" is not available for BC846.
DS11108 Rev. 14 - 2
1 of 3
BC846A-BC848C
Electrical Characteristics
Characteristic
@ TA = 25C unless otherwise specified Symbol BC846 BC847 V(BR)CBO BC848 Min 80 50 30 65 45 30 6 5 -- -- -- -- -- -- -- -- -- -- -- -- 110 200 420 -- -- 580 -- -- -- -- -- -- 100 -- -- Typ -- -- -- -- -- -- -- 220 330 600 2.7 4.5 8.7 18 30 60 1.5x10-4 2x10-4 3x10-4 180 290 520 90 200 700 900 660 -- -- -- -- -- -- 300 3.0 2 Max -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 220 450 800 250 600 -- 700 770 15 15 15 15 5.0 -- -- 10 Unit V Test Condition IC = 10mA, IB = 0
Collector-Base Breakdown Voltage (Note 3)
Collector-Emitter Breakdown Voltage (Note 3) BC846 BC847 V(BR)CEO BC848 Emitter-Base Breakdown Voltage (Note 3) H-Parameters Small Signal Current Gain BC846, BC847 V BC848 (BR)EBO hfe hfe hfe hie hie hie hoe hoe hoe hre hre hre hFE VCE(SAT) VBE(SAT) VBE(ON) BC846 BC847 BC848 ICES ICES ICES ICBO ICBO fT CCBO NF
V V -- -- -- kW kW kW S S S -- -- -- -- mV mV mV nA nA nA nA A MHz pF dB
IC = 10mA, IB = 0 IE = 1mA, IC = 0
Current Gain Group A B C Input Impedance Current Gain Group A B C Output Admittance Current Gain Group A B C Reverse Voltage Transfer Ratio A Current Gain Group B C DC Current Gain Current Gain Group A B (Note 3) C
VCE = 5.0V, IC = 2.0mA, f = 1.0kHz
VCE = 5.0V, IC = 2.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA IC = 10mA, IB = 0.5mA IC = 100mA, IB = 5.0mA VCE = 5.0V, IC = 2.0mA VCE = 5.0V, IC = 10mA VCE = 80V VCE = 50V VCE = 30V VCB = 40V VCB = 30V, TA = 150C VCE = 5.0V, IC = 10mA, f = 100MHz VCB = 10V, f = 1.0MHz VCE = 5V, IC = 200A, RS = 2.0kW, f = 1.0kHz, Df = 200Hz
Collector-Emitter Saturation Voltage (Note 3) Base-Emitter Saturation Voltage (Note 3) Base-Emitter Voltage (Note 3) Collector-Cutoff Current (Note 3)
Gain Bandwidth Product Collector-Base Capacitance Noise Figure
Notes:
3. Short duration pulse test used to minimize self-heating effect.
DS11108 Rev. 14 - 2
2 of 3
BC846A-BC848C
Ordering Information
Device BC84xx-7*
(Note 4) Packaging SOT-23 Shipping 3000/Tape & Reel
Notes: 4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. * xx = device type, e.g. BC846A-7.
Marking Information
XXX
XXX = Product Type Marking Code (See Page 1), e.g. K1Q or 1A = BC846A YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code 1998 J Jan 1 Feb 2 1999 K March 3 2000 L Apr 4 May 5 2001 M Jun 6 Jul 7 2002 N Aug 8 Sep 9 2003 P Oct O Nov N 2004 R Dec D
DS11108 Rev. 14 - 2
YM
3 of 3
BC846A-BC848C


▲Up To Search▲   

 
Price & Availability of BC847C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X